Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
22
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Left Channel
PGA
8
IPVU
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause left
and right input PGA volumes to be
updated (LINVOL and RINVOL)
7
LINMUTE
1
Left Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-mute.
6
LIZC
0
Left Input PGA Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
5:0
LINVOL
[5:0]
010111
( 0dB )
Left Input PGA Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
R1 (01h)
Right Channel
PGA
8
IPVU
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause left
and right input PGA volumes to be
updated (LINVOL and RINVOL)
7
RINMUTE
1
Right Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-mute.
6
RIZC
0
Right Input PGA Zero Cross
Detector
1 = Change gain on zero cross only
0 = Change gain immediately
5:0
RINVOL
[5:0]
010111
( 0dB )
Right Input PGA Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
R23 (17h)
Additional
Control (1)
0
TOEN
0
Timeout Enable (Also enables jack
detect debounce clock)
0 = Timeout disabled
1 = Timeout enabled
1
TOCLKSEL
0
Slow Clock Selection (Used for
volume update timeouts and for jack
detect debounce)
0 = SYSCLK / 2
21 (Slower
Response)
1 = SYSCLK / 2
19 (Faster Response)
Table 4 Input PGA Volume Control
See "Volume Updates" for more information on volume update bits, zero cross and timeout operation.
LINE INPUTS
Two pairs of stereo line inputs (LINPUT2 / RINPUT2 and LINPUT3 / RINPUT3) are available as
analogue inputs into the ADC path. LINPUT3 and RINPUT3 can also be input directly to the output
mixers via the bypass paths.
See "Output Signal Path" for more information on the bypass paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com