Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8960CGEFL/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
TOP VIEW
RINPUT2
RINPUT1
LINPUT3/JD2
LINPUT1
LINPUT2
RINPUT3/JD3
SDIN
SPKVDD2
SPK_RN
SPKGND2
SPK_RP
SPK_LN
SCLK
DCVDD
SPKGND1
MICBIAS
ORDERING INFORMATION
ORDER CODE
TEMPERATURE RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8960CGEFL/V
-40
C to +85C
32-lead QFN (5x5x0.9mm)
(Pb-free)
MSL3
260°C
WM8960CGEFL/RV
-40
C to +85C
32-lead QFN (5x5x0.9mm)
(Pb-free, Tape and reel)
MSL3
260°C
Note:
Reel quantity = 3500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com