Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
45
HEADPHONE JACK DETECT
The ADCLRC/GPIO1, LINPUT3/JD2 and RINPUT3/JD3 pins can be selected as headphone jack
detect inputs to automatically disable the speaker output and enable the headphone output e.g. when
a headphone is plugged into a jack socket. In this mode, enabled by setting HPSWEN, the
headphone detect input pin switches between headphone and speaker outputs (e.g. when the pin is
connected to a mechanical switch in the headphone socket to detect plug-in). The HPSEL[1:0] bits
select the input pin used for this function. The HPSWPOL bit reverses the pin’s polarity. Note that the
LOUT1, ROUT1, SPKL and SPKR bits in register 26 must also be set for headphone and speaker
output (see Table 29 and Table 30).
TOEN must also be set to enable the clock which is used for de-bouncing the jack detect input.
TOCLKSEL selects a fast or slow de-bounce period. Note that SYSCLK must be enabled to use this
function.
When using capless mode, the OUT3CAP bit should be enabled so that OUT3 is enabled/disabled at
the same time as HP_L and HP_R to prevent pop noise.
The debounced headphone detect signal can also be output to the ADCLRC/GPIO1 pin (See GPIO
section). This function is not available when using GPIO1 as an input or as ADCLRC.
When using the ADCLRC/GPIO1 pin as a headphone detect input, the ALRCGPIO register bit needs
to be set to 1. In this mode, DACLRC is used for both ADC and DAC frame clocks. (See GPIO
section for more information)
Note:
When LINPUT3 or RINPUT3 is used as the headphone detect input, the thresholds become CMOS
levels (0.3 AVDD / 0.7 AVDD).
HPSWEN
HPSWPOL
HEADPHONE
DETECT PIN
(LINPUT3/JD2,
RINPUT3/JD3 OR
ADCLRC/GPIO1)
L/ROUT1
(AND OUT3 IN
CAPLESS MODE)
(REG. 26)
SPKL/R
(REG. 26)
HEADPHONE
ENABLED
(AND OUT3 IN
CAPLESS MODE)
SPEAKER
ENABLED
0
X
X
0
0
no
no
0
X
X
0
1
no
yes
0
X
X
1
0
yes
no
0
X
X
1
1
yes
yes
1
0
0
X
0
no
no
1
0
0
X
1
no
yes
1
0
1
0
X
no
no
1
0
1
1
X
yes
no
1
1
0
0
X
no
no
1
1
0
1
X
yes
no
1
1
1
X
0
no
no
1
1
1
X
1
no
yes
Table 29 Headphone Jack Detect Operation
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Additional
Control (2)
6
HPSWEN
0
Headphone Switch Enable
0 = Headphone switch disabled
1 = Headphone switch enabled
5
HPSWPOL
0
Headphone Switch Polarity
0 = HPDETECT high = headphone
1 = HPDETECT high = speaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com