Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
80
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Left
Bypass
7
LB2LO
0
Left Input Boost Mixer to Left Output Mixer
0 = Disable (Mute)
1 = Enable Path
Output Signal
Path
6:4
LB2LOVOL[2:0]
101
Left Input Boost Mixer to Left Output Mixer
Volume
000 = 0dB
...(3dB steps)
111 = -21dB
Output Signal
Path
3:0
0000
Reserved
R46 (2Eh)
Right
Bypass
8
0
Reserved
7
RB2RO
0
Right Input Boost Mixer to Right Output Mixer
0 = Disable (Mute)
1 = Enable Path
Output Signal
Path
6:4
RB2ROVOL[2:0]
101
Right Input Boost Mixer to Right Output Mixer
Volume
000 = 0dB
...(3dB steps)
111 = -21dB
Output Signal
Path
3:0
0000
Reserved
R47 (2Fh)
Power
Mgmt (3)
8:6
000
Reserved
5
LMIC
0
Left Channel Input PGA Enable
0 = PGA disabled
1 = PGA enabled (if AINL = 1)
Input Signal
Path
4
RMIC
0
Right Channel Input PGA Enable
0 = PGA disabled
1 = PGA enabled (if AINR = 1)
Input Signal
Path
3
LOMIX
0
Left Output Mixer Enable Control
0 = Disabled
1 = Enabled
Output Signal
Path
2
ROMIX
0
Right Output Mixer Enable Control
0 = Disabled
1 = Enabled
Output Signal
Path
1:0
00
Reserved
R48 (30h)
Additional
Control (4)
8
0
Reserved
7
GPIOPOL
0
GPIO Polarity Invert
0 = Non inverted
1 = Inverted
General
Purpose Input /
Output
6:4
GPIOSEL[2:0]
000
ADCLRC/GPIO1 GPIO Function Select:
000 = Jack detect input
001 = Reserved
010 = Temperature ok
011 = Debounced jack detect output
100 = SYSCLK output
101 = PLL lock
110 = Logic 0
111 = Logic 1
General
Purpose Input /
Output
3:2
HPSEL[1:0]
00
Headphone Switch Input Select
0X = GPIO1 used for jack detect input (Requires
ADCLRC pin to be configured as a GPIO)
10 = JD2 used for jack detect input
11 = JD3 used for jack detect input
Headphone Jack
Detect
1
TSENSEN
1
Temperature Sensor Enable
0 = Temperature sensor disabled
1 = Temperature sensor enabled
Thermal
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com