Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
23
INPUT BOOST
The input path to the ADCs is via a boost stage, which can mix signals from the microphone PGAs
and the line inputs.
The boost stage can provide up to +29dB additional gain from the microphone PGA output to the
ADC input, providing a total maximum available analogue gain of +59dB from microphone to ADC.
The microphone PGA path to the boost mixer is muted using LINMUTE and RINMUTE as shown in
Table 4. Microphone PGA to boost gain settings are shown in Table 5.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (20h)
ADCL Signal
path
5:4
LMICBOOST
[1:0]
00
Left Channel Input PGA Boost Gain
00 = +0dB
01 = +13dB
10 = +20dB
11 = +29dB
R33 (21h)
ADCR Signal
path
5:4
RMICBOOST
[1:0]
00
Right Channel Input PGA Boost
Gain
00 = +0dB
01 = +13dB
10 = +20dB
11 = +29dB
Table 5 Microphone PGA Boost Control
For line inputs, -12dB to +6dB gain is available on the boost mixer, with mute control, as shown in
Table 6.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R43 (2Bh)
Input Boost
Mixer 1
6:4
LIN3BOOST
[2:0]
000
LINPUT3 to Boost Mixer gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
3:1
LIN2BOOST
[2:0]
000
LINPUT2 to Boost Mixer gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
R44 (2Ch)
Input Boost
Mixer 2
6:4
RIN3BOOST
[2:0]
000
RINPUT3 to Boost Mixer gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
3:1
RIN2BOOST
[2:0]
000
RINPUT2 to Boost Mixer gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
Table 6 Line Input Boost Control
When all three input paths to the boost mixer are disabled, the boost mixer will automatically be
muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com