Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
83
ADC FILTER RESPONSES
-150
-130
-110
-90
-70
-50
-30
-10
10
Frequency (fs)
Magnitude (dB): Passband Ripple
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.00
0.25
Frequency
Figure 38 ADC Digital Filter Frequency Response
Figure 39 ADC Digital Filter Ripple
DAC FILTER RESPONSES
DAC STOPBAND ATTENUATION
The DAC digital filter type is selected by the DACSLOPE register bit as shown in Table 50.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
ADC and DAC
Control (2)
1
DACSLOPE
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband mode
Table 50 DAC Filter Selection
MAGNITUDE(dB)
-150
-130
-110
-90
-70
-50
-30
-10
10
0
0.5
1
1.5
2
2.5
3
Frequency (fs)
MAGNITUDE(dB)
-0.005
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (fs)
Figure 40 DAC Digital Filter Frequency Response (Normal
Mode)
Figure 41 DAC Digital Filter Ripple (Normal Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com