Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
Left Channel
Digital Volume
8
DACVU
0
DAC Volume Update
0 = Store LDACVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = LDACVOL, right =
intermediate latch)
7:0
LDACVOL
[7:0]
11111111
( 0dB )
Left DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
R11 (0Bh)
Right Channel
Digital Volume
8
DACVU
0
DAC Volume Update
0 = Store RDACVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = intermediate latch, right
= RDACVOL)
7:0
RDACVOL
[7:0]
11111111
( 0dB )
Right DAC Digital Volume Control
similar to LDACVOL
Table 15 Digital Volume Control
DAC SOFT MUTE AND SOFT UN-MUTE
The WM8960 also has a soft mute function, which, when enabled, gradually attenuates the volume of
the digital signal to zero. When soft mute is disabled, the gain will either gradually ramp back up to
the digital gain setting, or return instantly to the digital gain setting, depending on the DACSMM
register bit.
The DAC is soft-muted by default. To play back an audio signal, this function must first be disabled by
setting the DACMU bit to zero.
DACSMM would typically be enabled when using soft mute during playback of audio data so that
when soft mute is then disabled, the sudden volume increase will not create pop noise by jumping
immediately to the previous volume level (e.g. resuming playback after pausing during a track).
DACSMM would typically be disabled when un-muting at the start of a digital music file, so that the
first part of the track is not attenuated (e.g. when starting playback of a new track, or resuming
playback after pausing between tracks).
DAC muting and un-muting using volume control bits
LDACVOL and RDACVOL.
DAC muting and un-muting using soft mute bit DACMU.
Soft un-mute not enabled (DACSMM = 0).
DAC muting and un-muting using soft mute bit DACMU.
Soft un-mute enabled (DACSMM = 1).
Figure 12 DAC Mute Control
The volume ramp rate during soft mute and un-mute is controlled by the DACMR bit. Ramp rates of
fs/32 and fs/2 are selectable as shown in Table 16 (fs = DAC sample rate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com