Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
81
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0
MBSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.65 * AVDD
Input Signal
Path
R49 (31h)
Class D
Control (1)
8
0
Reserved
7:6
SPK_OP_EN[1:0]
00
Enable Class D Speaker Outputs
00 = Off
01 = Left speaker only
10 = Right speaker only
11 = Left and right speakers enabled
Enabling the
Outputs
5:0
110111
Reserved
R50 (32h)
8:0
001001101
Reserved
R51 (33h)
Class D
Control (2)
8:6
010
Reserved
5:3
DCGAIN[2:0]
000
DC Speaker Boost (Boosts speaker DC output
level by up to 1.8 x on left and right channels)
000 = 1.00x boost (+0dB)
001 = 1.27x boost (+2.1dB)
010 = 1.40x boost (+2.9dB)
011 = 1.52x boost (+3.6dB)
100 = 1.67x boost (+4.5dB)
101 = 1.8x boost (+5.1dB)
110 to 111 = Reserved
Analogue
Outputs
2:0
ACGAIN[2:0]
000
AC Speaker Boost (Boosts speaker AC output
signal by up to 1.8 x on left and right channels)
000 = 1.00x boost (+0dB)
001 = 1.27x boost (+2.1dB)
010 = 1.40x boost (+2.9dB)
011 = 1.52x boost (+3.6dB)
100 = 1.67x boost (+4.5dB)
101 = 1.8x boost (+5.1dB)
110 to 111 = Reserved
Analogue
Outputs
R52 (34h)
PLL (1)
8:6
OPCLKDIV[2:0]
000
SYSCLK Output to GPIO Clock Division ratio
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 5.5
101 = SYSCLK / 6
General
Purpose Input /
Output
5
SDM
0
Enable Integer Mode
0 = Integer mode
1 = Fractional mode
Clocking and
Sample Rates
4
PLLPRESCALE
0
Divide MCLK by 2 before input to PLL
0 = Divide by 1
1 = Divide by 2
Clocking and
Sample Rates
3:0
PLLN[3:0]
1000
Integer (N) part of PLL input/output frequency
ratio. Use values greater than 5 and less than
13.
Clocking and
Sample Rates
R53 (35h)
PLL (2)
8
0
Reserved
7:0
PLLK[23:16]
00110001
Fractional (K) part of PLL1 input/output
frequency ratio (treat as one 24-digit binary
number).
Clocking and
Sample Rates
R54 (36h)
PLL (3)
8
0
Reserved
7:0
PLLK[15:8]
00100110
Fractional (K) part of PLL1 input/output
frequency ratio (treat as one 24-digit binary
number).
Clocking and
Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com