Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
16
INTERNAL POWER ON RESET CIRCUIT
Figure 5 Internal Power on Reset Circuit Schematic
The WM8960 includes an internal Power-On-Reset Circuit, as shown in Figure 5, which is used to
reset the digital logic into a default state after power up. The POR circuit is powered from AVDD and
monitors DCVDD. It asserts PORB low if AVDD or DCVDD is below a minimum threshold.
Figure 6 Typical Power up Sequence where AVDD is Powered before DCVDD
Figure 6 shows a typical power-up sequence where AVDD comes up first. When AVDD goes above
the minimum threshold, Vpora, there is enough voltage for the circuit to guarantee PORB is asserted
low and the chip is held in reset. In this condition, all writes to the control interface are ignored. Now
AVDD is at full supply level. Next DCVDD rises to Vpord_on and PORB is released high and all registers
are in their default state and writes to the control interface may take place.
On power down, where AVDD falls first, PORB is asserted low whenever AVDD drops below the
minimum threshold Vpora_off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com