Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
60
DEEMPH, 3DUC and 3DUC should be configured to match the chosen DAC sample rate.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Additional Control
(3)
2:0
ADC_ALC_SR
[2:0]
000
ALC Sample Rate
000 = 44.1k / 48k
001 = 32k
010 = 22.05k / 24k
011 = 16k
100 = 11.25k / 12k
101 = 8k
110 and 111 = Reserved
R5 (05h)
ADC and DAC
Control (1)
2:1
DEEMPH
[1:0]
00
De-Emphasis Control
11 = 48kHz sample rate
10 = 44.1kHz sample rate
01 = 32kHz sample rate
00 = No de-emphasis
R16 (10h)
3D Enhance
6
3DUC
0
Upper Cut-Off Frequency
0 = High (Recommended for
fs>=32kHz)
1 = Low (Recommended for
fs<32kHz)
5
3DLC
0
Lower Cut-Off Frequency
0 = Low (Recommended for
fs>=32kHz)
1 = High (Recommended for
fs<32kHz)
Table 42 Additional Sample Rate Controls
PLL
The integrated PLL can be used to generate SYSCLK for the WM8960 or provide clocking for external
devices via the GPIO1 pin.
The PLL is enabled by the PLLEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R26 (1Ah)
Power
management (2)
0
PLLEN
0
PLL Enable
0 = PLL off
1 = PLL on
R52 (34h)
PLL (1)
5
SDM
0
Enable Integer Mode
0 = Integer mode
1 = Fractional mode
Table 43 PLLEN Control Bit
The PLL frequency ratio R = f2/f1 (See Figure 36) can be set using the register bits PLLK and PLLN:
PLLN = int R
PLLK = int (2
24 (R-PLLN))
EXAMPLE:
MCLK=12MHz, required clock = 12.288MHz.
R should be chosen to ensure 5 < PLLN < 13. There is a fixed divide by 4 in the PLL and a selectable
divide by N after the PLL which should be set to divide by 2 to meet this requirement.
Enabling the divide by 2 sets the required f2 = 4 x 2 x 12.288MHz = 98.304MHz.
R = 98.304 / 12 = 8.192
PLLN = int R = 8
k = int ( 2
24 x (8.192 – 8)) = 3221225 = 3126E9h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com