Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
54
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Additional
Control (2)
2
LRCM
0
Selects disable mode for ADCLRC and DACLRC
(Master mode)
0 = ADCLRC disabled when ADC (Left and
Right) disabled; DACLRC disabled when
DAC (Left and Right) disabled.
1 = ADCLRC and DACLRC disabled only when
ADC (Left and Right) and DAC (Left and
Right) are disabled.
Table 35 ADCLRC/DACLRC Enable
COMPANDING
The WM8960 supports A-law and
-law companding on both transmit (ADC) and receive (DAC)
sides. Companding can be enabled on the DAC or ADC audio interfaces by writing the appropriate
value to the DACCOMP or ADCCOMP register bits respectively.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
Audio
Interface (2)
2:1
ADCCOMP
00
ADC companding
00 = off
01 = reserved
10 = µ-law
11 = A-law
4:3
DACCOMP
00
DAC companding
00 = off
01 = reserved
10 = µ-law
11 = A-law
5
WL8
0
0 = off
1 = device operates in 8-bit mode.
Table 36 Companding Control
Companding involves using a piecewise linear approximation of the following equations (as set out by
ITU-T G.711 standard) for data compression:
-law (where =255 for the U.S. and Japan):
F(x) = ln( 1 +
|x|) / ln( 1 + )
-1 ≤ x ≤ 1
A-law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
 for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
 for 1/A ≤ x ≤ 1
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
-law, all even data bits are inverted for A-law). The data will be transmitted as the first 8 MSB’s of
data.
Companding converts 13 bits (
-law) or 12 bits (A-law) to 8 bits using non-linear quantization. The
input data range is separated into 8 levels, allowing low amplitude signals better precision than that of
high amplitude signals. This is to exploit the operation of the human auditory system, where louder
sounds do not require as much resolution as quieter sounds. The companded signal is an 8-bit word
containing sign (1-bit), exponent (3-bits) and mantissa (4-bits).
Setting the WL8 register bit allows the device to operate with 8-bit data. In this mode it is possible to
use 8 BCLK cycles per LRC frame. When using DSP mode B, this allows 8-bit data words to be
output consecutively every 8 BCLK cycles and can be used with 8-bit data words using the A-law and
u-law companding functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com