Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
64
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Power
Management
(1)
8:7
VMIDSEL
00
Vmid Divider Enable and Select
00 = Vmid disabled (for OFF mode)
01 = 2 x 50k
 divider enabled (for playback /
record)
10 = 2 x 250k
 divider enabled (for low-
power standby)
11 = 2 x 5k
 divider enabled (for fast start-
up)
6
VREF
0
VREF (necessary for all other functions)
0 = Power down
1 = Power up
5
AINL
0
Analogue Input PGA and Boost Left
0 = Power down
1 = Power up
(Note: LMIC must also be set to enable the
PGA)
4
AINR
0
Analogue Input PGA and Boost Right
0 = Power down
1 = Power up
(Note: RMIC must also be set to enable the
PGA)
3
ADCL
0
ADC Left
0 = Power down
1 = Power up
2
ADCR
0
ADC Right
0 = Power down
1 = Power up
1
MICB
0
MICBIAS
0 = Power down
1 = Power up
0
DIGENB
0
Master Clock Disable
0 = Master clock enabled
1 = Master clock disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com