Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
26
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8960 uses stereo 24-bit, 64x oversampled sigma-delta ADCs. The use of multi-bit feedback
and high oversampling rates reduce the effects of jitter and high frequency noise. The ADC Full Scale
input level is proportional to AVDD. With a 3.3V supply voltage, the full scale level is 1.0Vrms. Any
voltage greater than full scale may overload the ADC and cause distortion.
The ADCs are enabled by the ADCL/R register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Power
management (2)
3
ADCL
0
Enable ADC left channel:
0 = ADC disabled
1 = ADC enabled
2
ADCR
0
Enable ADC right channel:
0 = ADC disabled
1 = ADC enabled
Table 8 ADC Enable Control
The polarity of the output signal can be changed under software control using the ADCPOL[1:0]
register bits. The DATSEL bits are used to select which channel is used for the left and right ADC
data.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC and DAC
Control (1)
6:5
ADCPOL[1:0]
00
ADC polarity control:
00 = Polarity not inverted
01 = ADC L inverted
10 = ADC R inverted
11 = ADC L and R inverted
R23 (17h)
Additional Control
(1)
3:2
DATSEL
[1:0]
00
ADC Data Output Select
00: left data = left ADC;
right data =right ADC
01: left data = left ADC;
right data = left ADC
10: left data = right ADC;
right data =right ADC
11: left data = right ADC;
right data = left ADC
Table 9 ADC Control
DIGITAL ADC VOLUME CONTROL
The output of the ADCs can be digitally amplified or attenuated over a range from –97dB to +30dB in
0.5dB steps. The volume of each channel can be controlled separately. The gain for a given eight-bit
code X is given by:
0.5
 (X-195) dB for 1  X  255;
MUTE for X = 0
The ADCVU control bit controls the loading of digital volume control data. When ADCVU is set to 0,
the LADCVOL or RADCVOL control data will be loaded into the respective control register, but will not
actually change the digital gain setting. Both left and right gain settings are updated when ADCVU is
set to 1. This makes it possible to update the gain of both channels simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com