Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 97Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 98Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 99Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 100Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 101Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 102Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 103Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 104Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
101
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4:0
EQ3G
01100
EQ Band 3 Gain Control. See Table 31 for
details.
Output Signal
Path
21 (15h)
8
EQ4BW
0
EQ Band 4 Bandwidth Control
0=narrow bandwidth
1=wide bandwidth
Output Signal
Path
7
0
Reserved. Initialise to 0
6:5
EQ4C
01
EQ Band 4 Centre Frequency:
00=1.8kHz
01=2.4kHz
10=3.2kHz
11=4.1kHz
Output Signal
Path
4:0
EQ4G
01100
EQ Band 4 Gain Control. See Table 31 for
details.
Output Signal
Path
22 (16h)
8:7
0
Reserved. Initialise to 0
Output Signal
Path
6:5
EQ5C
01
EQ Band 5 Cut-off Frequency:
00=5.3kHz
01=6.9kHz
10=9kHz
11=11.7kHz
Output Signal
Path
4:0
EQ5G
01100
EQ Band 5 Gain Control. See Table 31 for
details.
Output Signal
Path
23 (17h)
8
CLASSDEN
0
Enable signal for class D mode on LOUT2 and
ROUT2
0 = Class AB mode
1 = Class D mode
Class D
Control
7:0
000 1000
Reserved.
24 (18h)
8
LIMEN
0
Enable the DAC digital limiter:
0=disabled
1=enabled
Output Signal
Path
7:4
LIMDCY
0011
DAC Limiter Decay time (per 6dB gain change)
for 44.1kHz sampling. Note that these will scale
with sample rate:
0000=750us
0001=1.5ms
0010=3ms
0011=6ms
0100=12ms
0101=24ms
0110=48ms
0111=96ms
1000=192ms
1001=384ms
1010=768ms
Output Signal
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com