Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 101Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 102Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 103Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 104Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 105Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 106Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 107Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 108Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 109Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
105
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4
PLLPRESCALE
0
0 = MCLK input not divided (default)
1 = Divide MCLK by 2 before input to PLL
Master Clock
and Phase
Locked Loop
(PLL)
3:0
PLLN[3:0]
1000
Integer (N) part of PLL input/output frequency
ratio. Use values greater than 5 and less than
13.
Master Clock
and Phase
Locked Loop
(PLL)
37 (25h)
8:6
000
Reserved. Initialise to 0
5:0
PLLK[23:18]
01100
Fractional (K) part of PLL1 input/output
frequency ratio (treat as one 24-digit binary
number).
Master Clock
and Phase
Locked Loop
(PLL)
38 (26h)
8:0
PLLK[17:9]
010010011
Fractional (K) part of PLL1 input/output
frequency ratio (treat as one 24-digit binary
number).
Master Clock
and Phase
Locked Loop
(PLL)
39 (27h)
8:0
PLLK[8:0]
011101001
Fractional (K) part of PLL1 input/output
frequency ratio (treat as one 24-digit binary
number).
Master Clock
and Phase
Locked Loop
(PLL)
41 (29h)
8:4
00000
Reserved. Initialise to 0
3:0
DEPTH3D
0000
Stereo depth
0000: 0% (minimum 3D effect)
0001: 6.67%
....
1110: 93.3%
1111: 100% (maximum 3D effect)
3D Stereo
Enhancement
42 (2Ah)
8:6
OUT4_2ADCVOL
000
Controls the OUT4 to ADC input boost stage:
000 = Path disabled (disconnected)
001 = -12dB gain
010 = -9dB gain
011 = -6dB gain
100 = -3dB gain
101 = +0dB gain
110 = +3dB gain
111 = +6dB gain
Analogue
Outputs
5
OUT4_2LNR
0
OUT4 to L or R ADC input
0 = Right ADC input
1 = Left ADC input
4:3
00
Reserved. Initialise to 0
2
POBCTRL
0
VMID independent current bias control
0 = Disable VMID independent current bias
1 = Enable VMID independent current bias
1:0
00
Reserved. Initialise to 0
43 (2Bh)
8
BYPL2RMIX
0
Left bypass path (from the Left channel input
PGA stage) to right output mixer
0 = not selected
1 = selected
Analogue
Outputs
7
BYPR2LMIX
0
Right bypass path (from the right channel input
PGA stage) to Left output mixer
0 = not selected
1 = selected
Analogue
Outputs
6
0
Reserved. Initialise to 0
5
0
Reserved. Initialise to 0
4
0
Reserved. Initialise to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com