Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
42
11.4 3-WIRE SERIAL CONTROL MODE
The 3-wire control interface uses the CSB, SCLK and SDATA pins, which are referenced to the
digital buffer supply, DBVDD. (In 3-wire mode, CSB is provided on GPIO7.)
3-wire control mode is selected by setting SPI_3WIRE = 1 and SPI_4WIRE = 0.
In 3-wire control mode, a control word consists of 24 bits. The first bit is the read/write bit (R/W),
which is followed by 7 address bits (A6 to A0) that determine which control register is accessed. The
remaining 16 bits (B15 to B0) are data bits, corresponding to the 16 bits in each control register.
In 3-wire mode, every rising edge of SCLK clocks in one data bit from the SDATA pin. A rising edge
on CSB latches in a complete control word consisting of the last 24 bits.
In Write operations (R/W=0), all SDATA bits are driven by the controlling device.
In Read operations (R/W=1), the SDATA pin is driven by the controlling device to clock in the register
address, after which the WM8352 drives the SDATA pin to output the applicable data bits.
Similarly to 2-wire control mode, the WM8352 transmits logic 1 by tri-stating the SDATA pin, rather
than pulling it high. An external pull-up resistor is required to pull the SDATA line high so that the
logic 1 can be recognised by the master.
The 3-wire control mode timing is illustrated in Figure 30.
Figure 30 3-Wire Serial Control Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com