Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
45
12 CLOCKING, TIMING AND SAMPLE RATES
12.1 GENERAL DESCRIPTION
The WM8352 includes clocking circuitry for the on-chip audio CODEC, the DC-DC converters and
the auxiliary ADC. It provides the following capabilities:
The WM8352 has two internal clock generators: a 2MHz RC oscillator and a 32kHz crystal oscillator.
Clocks are required for system start-up and also for the DC-DC converter clocks; these are derived
from the internal 2MHz RC oscillator. The 32kHz crystal oscillator (or external 32kHz source) is used
to drive the internal Real Time Clock (RTC), and may also be used as a reference source for the
CODEC clock generators.
The CODEC clocks may be derived either directly from MCLK, or else via an on-chip Frequency
Locked Loop (FLL) to generate the required clocking from a wide range of reference inputs. The FLL
can take as input the external MCLK, or ADCLRCLK / DACLRCLK (in Slave modes), or the 32kHz
crystal oscillator (or external 32kHz source), and generates (typically) a 12.288MHz clock for the
CODEC.
The flexible clocking arrangements are illustrated in Figure 33.
Figure 33 Clock Generation and Distribution Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com