Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
71
13.5 ANALOGUE TO DIGITAL CONVERTER (ADC)
The high-performance stereo ADC within the WM8352 converts analogue input signals to the digital
domain. It uses a multi-bit, over-sampled sigma-delta architecture. The ADC’s over-sampling rate is
selectable to control the trade-off between best audio performance and lowest power consumption. A
variety of digital filtering stages process the ADC’s digital output signal before it is sent to the
WM8352 audio interface. These include:
digital decimation and filtering needed for the ADC
digital volume control
A programmable high-pass filter
The audio ADC supports all commonly used audio sampling rates between 8kHz and 48kHz (see
Figure 40).
Figure 40 ADC Digital Filter Path
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11 (0Bh)
Power Mgmt 4
2
ADCL_ENA
0
Left ADC enable
0 = disabled
1 = enabled
When ADCR and ADCL are used
together as a stereo pair, then both
ADCs must be enabled together using
a single register write to Register R11
(0Bh).
R66 (42h)
ADC Digital
Volume L
15
R11 (0Bh)
Power Mgmt 4
3
ADCR_ENA
0
Right ADC enable
0 = disabled
1 = enabled
When ADCR and ADCL are used
together as a stereo pair, then both
ADCs must be enabled together using
a single register write to Register R11
(0Bh).
R67 (43h)
ADC Digital
Volume R
15
R64 (40h)
ADC Control
1
ADCL_DATINV
0
ADC Left channel polarity:
0 = Normal
1 = Inverted
0
ADCR_DATINV
0
ADC Right Channel Polarity
0 = Normal
1 = Inverted
Note: ADCL_ENA and ADCR_ENA can be accessed through R11 or through R66/R67. Reading
from or writing to either register location has the same effect.
Table 26 Enabling the ADC Left and Right Channels
When ADCR and ADCL are used together as a stereo pair, then it is important that ADCR_ENA and
ADCL_ENA are enabled at the same time using a single register write. This must be implemented by
writing to the bits in Register R11 (0Bh). This ensures that the system starts up both channels in a
synchronous manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com