Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
23
7.7
LED DRIVERS
Test Conditions
TA = +25ºC unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISINKA, ISINKB
Sink Current
duty cycle = 20%
200
mA
continuous
40
ISINKC, ISINKD, ISINKE
Sink Current
20
mA
Output voltage drop
10mA load
0.8
V
7.8
GENERAL PURPOSE INPUTS / OUTPUTS (GPIO)
Test Conditions
TA = +25ºC unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GPIO0 to GPIO3
Input HIGH Level
VIH
0.7
×VRTC
V
Input LOW Level
VIL
0.3
×VRTC
V
Output HIGH Level
VOH
sinking 2 mA
0.9
×VRTC
V
Output LOW Level
VOL
sourcing 2 mA
0.1
×VRTC
V
Sink / source current
mA
Pull-up resistance to VRTC
RPU
GPn_PU = 1
310
kΩ
Pull-down resistance
RPD
GPn_PD = 1
225
kΩ
GPIO4 to GPIO9
Logic levels
See Section 7.9
Sink / source current
mA
Pull-up resistance to DBVDD
RPU
GPn_PU= 1
220
kΩ
Pull-down resistance
RPD
GPn_PD = 1
144
kΩ
GPIO10 to GPIO12
Input HIGH Level
VIH
2.0
V
Input LOW Level
VIL
0.9
V
Output HIGH Level
VOH
sinking 2 mA
0.9
×
LINE
V
Output LOW Level
VOL
sourcing 2 mA
0.1
×
GPIO_VD
D
V
Sink / source current
mA
Pull-up resistance to LINE
RPU
GPn_PU = 1
250
kΩ
Pull-down resistance
RPD
GPn_PD = 1
135
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com