Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
53
Table 12 shows the maximum word lengths supported for a given SYSCLK and BCLK_DIV,
assuming that one or both the ADCs and DACs are running at maximum rate.
SYSCLK
BCLK DIVIDER
BCLK_DIV
BCLK RATE (MASTER
MODE) (MHZ)
MAXIMUM WORD
LENGTH
12.288 MHz
0000 = SYSCLK / 1
12.288
32
0001 = SYSCLK / 1.5
8.192
32
0010 = SYSCLK / 2
6.144
32
0011 = SYSCLK / 3
4.096
32
0100 = SYSCLK / 4
3.072
32
0101 = SYSCLK / 5.5
2.2341818
20
0110 = SYSCLK / 6
2.048
20
0111 = SYSCLK / 8
1.536
16
1000 = SYSCLK / 11
1.117091
8
1001 = SYSCLK / 12
1.024
8
1010 = SYSCLK / 16
0.768
8
1011 = SYSCLK / 22
0.558545
N/A
1100 = SYSCLK / 24
0.512
N/A
1101 = SYSCLK / 32
0.384
N/A
1110 = SYSCLK / 32
0.384
N/A
1111 = SYSCLK / 32
0.384
N/A
11.2896 MHz
0000 = SYSCLK / 1
11.2896
32
0001 = SYSCLK / 1.5
7.5264
32
0010 = SYSCLK / 2
5.6448
32
0011 = SYSCLK / 3
3.7632
32
0100 = SYSCLK / 4
2.8224
32
0101 = SYSCLK / 5.5
2.052655
20
0110 = SYSCLK / 6
1.8816
20
0111 = SYSCLK / 8
1.4112
16
1000 = SYSCLK / 11
1.026327
8
1001 = SYSCLK / 12
0.9408
8
1010 = SYSCLK / 16
0.7056
8
1011 = SYSCLK / 22
0.513164
N/A
1100 = SYSCLK / 24
0.4704
N/A
1101 = SYSCLK / 32
0.3528
N/A
1110 = SYSCLK / 32
0.3528
N/A
1111 = SYSCLK / 32
0.3528
N/A
Table 12 BCLK Divider in Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com