Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
57
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
111 = Reserved
7:4
FLL_RSP_RAT
E
0000
FLL Loop Gain
0000 = x 1 (Recommended value)
0001 = x 2
0010 = x 4
0011 = x 8
0100 = x 16
0101 = x 32
0110 = x 64
0111 = x 128
1000 = x 256
Recommended that these are not
changed from default.
2:0
FLL_RATE
[2:0]
000
Frequency of the FLL control block
000 = FVCO / 1 (Recommended value)
001 = FVCO / 2
010 = FVCO / 4
011 = FVCO / 8
100 = FVCO / 16
101 = FVCO / 32
Recommended that these are not
changed from default.
R43 (2Bh)
FLL Control
2
15:11
FLL_RATIO
[4:0]
14
(0Eh)
CLK_VCO is divided by this integer, valid
from 1 .. 31.
1 recommended for high freq reference
8 recommended for low freq reference
9:0
FLL_N [9:0]
086h
FLL integer multiplier N for CLK_REF
R44 (2Ch)
FLL Control
3
15:0
FLL_K [15:0]
C226h
FLL fractional multiplier K for CLK_REF.
This is only used if FLL_FRAC is set.
R45 (2Dh)
FLL Control
4
7
FLL_REF_FRE
Q
0
Low frequency reference locking
0 = High frequency reference locking
(recommended for reference clock >
48kHz)
1 = Lock frequency reference locking
(recommended for reference clock <=
48kHz)
5
FLL_FRAC
0
Fractional enable
0 = Integer Mode
1 = Fractional Mode
1 recommended in all cases
1:0
FLL_CLK_SRC
[1:0]
00
Select FLL input clock Source
00 = MCLK
01 = DACLRCLK
10 = ADCLRCLK
11 = CLK_32K_REF
Table 17 FLL Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com