Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
59
12.4.2
EXAMPLE FLL SETTINGS
Table 18 provides example FLL settings for generating common SYSCLK frequencies from a variety
of low and high frequency reference inputs.
FREF
FOUT
FVCO
FLL_N
FLL_K
FLL_
RATIO
FLL_
OUTDIV
FLL_FRAC
FLL_REF_
FREQ
32.000
kHz
12.288
MHz
98.304
MHz
438
(1B6h)
0.857143
(DB6Eh)
7
2h
(divide by
8)
1
1
32.000
kHz
11.2896
MHz
90.3168
MHz
352
(160h)
0.8
(CCCCh)
8
2h
(divide by
8)
1
1
32.768
kHz
12.288
MHz
98.304
MHz
428
(1ACh)
0.571429
(9249 h)
7
2h
(divide by
8)
1
1
32.768
kHz
11.288576
MHz
90.308608
MHz
344
(158h)
0.500000
(8000 h)
8
2h
(divide by
8)
1
1
32.768
kHz
11.2896
MHz
90.3168
MHz
344
(158h)
0.53125
(8800h)
8
2h
(divide by
8)
1
1
48
kHz
12.288
MHz
98.304
MHz
292
(124h)
0.571429
(9249 h)
7
2h
(divide by
8)
1
1
11.3636
MHz
12.368544
MHz
98.948354
MHz
8
(008h)
0.707483
(B51Dh)
1
2h
(divide by
8)
1
0
12.000
MHz
12.288
MHz
98.3040
MHz
8
(008h)
0.192
(3127h)
1
2h
(divide by
8)
1
0
12.000
MHz
11.289597
MHz
90.3168
MHz
7
(007h)
0.526398
(86C2h)
1
2h
(divide by
8)
1
0
12.288
MHz
12.288
MHz
98.304
MHz
2
(002h)
0.666667
(AAABh)
3
2h
(divide by
8)
1
0
12.288
MHz
11.2896
MHz
90.3168
MHz
7
(007h)
0.35
(599Ah)
1
2h
(divide by
8)
1
0
13.000
MHz
12.287990
MHz
98.3040
MHz
7
(007h)
0.56184
(8FD5h)
1
2h
(divide by
8)
1
0
13.000
MHz
11.289606
MHz
90.3168
MHz
6
(006h)
0.94745
(F28Ch)
1
2h
(divide by
8)
1
0
19.200
MHz
12.287988
MHz
98.3040
MHz
5
(005h)
0.119995
(1EB8h)
1
2h
(divide by
8)
1
0
19.200
MHz
11.289588
MHz
90.3168
MHz
4
(004h)
0.703995
(B439h)
1
2h
(divide by
8)
1
0
Table 18 Example FLL Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com