Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
75
13.7 DIGITAL TO ANALOGUE CONVERTER (DAC)
The WM8352 contains a high-performance stereo DAC to convert digital audio signals to the
analogue domain. Audio data is passed to the WM8352 via the audio interface, and passes through
a variety of digital filtering stages before reaching the DAC. These include:
Digital volume control
Digital filtering, interpolation and sigma-delta modulation functions needed for the DAC
The audio DAC supports all commonly used audio sampling rates between 8kHz and 48kHz.
Figure 41 DAC Overview
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11 (0Bh)
Power Mgmt
4
4
DACL_EN
A
0
Left DAC enable
0 = disabled
1 = enabled
R50 (32h)
DAC Digital
Volume Left
15
R11 (0Bh)
Power Mgmt
5
DACR_EN
A
0
Right DAC enable
0 = disabled
1 = enabled
R51 (33h)
DAC Digital
Volume Right
15
Note: These bits can be accessed through R11 or through R50/R51. Reading from or writing to
either register location has the same effect.
Table 31 DAC Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com