Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
24
7.9
DIGITAL INTERFACES
Test Conditions
TA = +25ºC unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SDA, SCLK, MCLK, BCLK, LRCLK, ADCDATA, DACDATA, GPIO4 to GPIO9
Input HIGH Level
VIH
0.7
×DBVDD
V
Input LOW Level
VIL
0.3
×DBVDD
V
Output HIGH Level
VOH
sinking 1mA
0.9
×DBVDD
V
Output LOW Level
VOL
sourcing 1mA
0.1xDBVDD
V
7.10 AUXILIARY ADC
Test Conditions
TA = +25ºC unless otherwise noted.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Input resistance
(AUX1,2,3,4, USB, LINE, BATT
and CHIPTEMP)
AUXADC_SCALEn [1:0] = 00
∞
∞
∞
Ω
AUXADC_SCALEn [1:0] = 01
2.2
kΩ
AUXADC_SCALEn [1:0]= 10
330
660
kΩ
AUXADC_SCALEn [1:0] = 11
330
440
kΩ
Input Voltage range.
AUX1,2,3,4,USB,LINE,BATT and
CHIPTEMP
(VRTC = 2.7V & VLINE (max)= 5.5V,
VBG=1.25V)
AUXADC_SCALEn [1:0] = 01
AUXADC_REF = 0
VBG
V
AUXADC_SCALEn [1:0] = 01
AUXADC_REF = 1
VRTC
V
AUXADC_SCALEn [1:0] = 10
AUXADC_REF = 0
2 x VBG
V
AUXADC_SCALEn [1:0] = 10
AUXADC_REF = 1
2 x VRTC
V
AUXADC_SCALEn [1:0] = 11
AUXADC_REF = 0
VLINE
V
AUXADC_SCALEn [1:0] = 11
AUXADC_REF = 1
4 x VBG
V
Input capacitance
(AUX1,2,3,4, USB, LINE, BATT
and CHIPTEMP)
Input is selected
(INPUT_SELECT) and
AUXADC_SCALEn [1:0] not = 00
2.08
pF
VRTC quiescent current
AUX_RBMODE = 0,
AUXADC_ENA = 1
140
μA
VRTC quiescent current
AUX_RBMODE = 1
AUXADC_ENA = 1
151
μA
LINE_INT quiescent current
<<1
mA
ADCCLK frequency
fAUXCLK
400
470/512
800
kHz
ADC Resolution
12
bits
ADC Conversion Time
13
CLK
periods
Aux ADC accuracy
Non-calibrated (calibration
possible using the VBG input on
AUX3). 1% of this variation due
to BG variation over temperature.
2.2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com