Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
67
13.4.5
MICROPHONE BIASING
The WM8352 provides a programmable, low-noise bias voltage for condenser electret microphones
on the MICBIAS pin.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Power Mgmt 1
4
MICB_ENA
0
Microphone bias enable
0 = OFF (high impedance output)
1 = ON
R74 (4Ah)
Mic Bias
Control
15
MICB_ENA
14
MICB_SEL
0
Microphone bias voltage control:
0 = 0.9 * AVDD
1 = 0.75 * AVDD
Note: MICB_ENA can be accessed through R8 or through R74. Reading from or writing to either
register location has the same effect.
Table 23 Controlling the Microphone Bias Voltage
13.4.6
AUXILIARY INPUTS (IN3L AND IN3R)
The WM8352 provides two additional analogue input pins, IN3L and IN3R, for line-level audio or
“beep” signals. Each pin has a simple input buffer whose output signal can be digitised in the audio
ADC and/or mixed into the output signal path. The Right input IN3R may also be connected to the
Output Beep Mixer, for output on OUT2R (see Table 43). The input buffers have a nominal default
gain of -1 (0dB).
IN3L
20k
IN3L_SHORT, R73[6]
-
+
20k
Vmid
IN3R
20k
IN3R_SHORT, R73[14]
-
+
20k
Vmid
To:
Left Input Mixer,
Left Output Mixer
To:
Right Input Mixer,
Right Output Mixer,
Output Beep Mixer
Figure 38 Auxiliary Input Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com