Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
47
The oscillator is enabled by the OSC32K_ENA field, as described in Table 7. It is enabled by default
and remains enabled when the WM8352 is in the OFF or BACKUP state.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
Power
Mgmt (5)
10
OSC32K_ENA
1
32kHz crystal oscillator control
0 = 32kHz OSC is disabled
1 = 32kHz OSC is enabled
R218 (DAh)
RTC Tick
Control
12
Note: OSC32K_ENA can be accessed through R12 or through R218. Reading from or writing to
either register location has the same effect.
Table 7 Enabling the 32kHz Oscillator
If a suitable 32.768kHz clock is already present elsewhere in the system, then it is possible for the
WM8352 to use this clock instead. An external clock can be provided to the WM8352 on pin X1 (with
pin X2 left floating) or else on a GPIO pin configured as a 32kHz input (see Section 20).
In addition to driving the RTC, the 32kHz oscillator signal can be output to a GPIO pin configured as
a 32kHz output; this is possible on GPIO pins 2, 3, 5 and 12 (see Section 20.2).
12.3 CLOCKING AND SAMPLE RATES
Clocks for the ADCs, DACs, DSP core functions, and the digital audio interface are all derived from a
common internal clock source, SYSCLK.
SYSCLK can either be derived directly from MCLK (with a selectable divide by two option, controlled
by MCLK_DIV), or may be generated by the FLL using MCLK or alternate sources as an external
reference. The SYSCLK source is selected by MCLK_SEL. Many commonly-used audio sample
rates can be derived directly from typical MCLK frequencies.
The ADC and DAC sample rates are independently selectable, relative to SYSCLK, using
ADC_CLKDIV and DAC_CLKDIV. These fields must be set according to the required sampling
frequency and depending upon the selected clocking mode. Two clocking modes are provided as
follows. Normal mode allows selection of the commonly used sample rates from typical audio
system clocking frequencies (eg. 12.288MHz); USB mode allows many of these sample rates to be
generated from a 12MHz USB clock. Depending on the available clock sources, USB mode may be
used to save power by supporting 44.1kHz operation.
In Normal mode,
ADC_SYSCLK = 256 x ADC Sampling Frequency
DAC_SYSCLK = 256 x DAC Sampling Frequency
In USB mode,
ADC_SYSCLK = 272 x ADC Sampling Frequency
DAC_SYSCLK = 272 x DAC Sampling Frequency
The above equations determine the required values for ADC_CLKDIV and DAC_CLKDIV. The
clocking mode is selected via the AIF_LRCLKRATE field.
In master mode, BCLK is also derived from SYSCLK via a programmable division set by BCLK_DIV.
In the case where the ADCs and DACs are operating at different sample rates, BCLK must be set
according to whichever is the faster rate. In Master Mode, internal clock divide and phase control
mechanisms ensure that the BCLK, ADCLRCLK and DACLRCLK edges will occur in a predictable
and repeatable position relative to each other and to the data for a given combination of ADC/DAC
sample rates and BCLK settings. In Slave Mode, the host processor must ensure that BCLK,
ADCLRCLK and DACLRCLK are fully synchronised; if these inputs are not synchronised,
unpredictable pops and noise may result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com