Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
55
12.3.5
OPCLK CONTROL
When the GPIO5 pin is configured as CODEC_OPCLK, a clock derived from SYSCLK may be output
on this pin to provide clocking for other parts of the system. The frequency of this signal is derived
from SYSCLK and determined by OPCLK_DIV, as described in Table 14.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
Clock Control
1
2:0
OPCLK_DIV
[2:0]
000
OPCLK Frequency (GPIO function)
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 5.5
101 = SYSCLK / 6
110 = Reserved
111 = Reserved
Table 14 OPCLK Control
12.3.6
SLOWCLK CONTROL
A slow clock derived from SYSCLK may be generated for de-bouncing of the Headphone Jack
Detect function or to set the timeout period for volume updates when zero-cross functions are used.
This clock is enabled by TOCLK_ENA and its frequency is set by TOCLK_RATE, as described in
Table 15.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11 (0Bh)
Power Mgmt
4
8
TOCLK_ENA
0
Slow clock enable. Used for both the
jack insert detect debounce circuit and
the zero cross timeout.
0 = slow clock disabled
1 = slow clock enabled
R40 (28h)
Clock Control
1
15
14
TOCLK_RATE
0
Slow Clock Selection (Used for volume
update timeouts and for jack detect
debounce)
0 = SYSCLK / 2^21 (Slower Response)
1 = SYSCLK / 2^19 (Faster Response)
Note: TOCLK_ENA can be accessed through R11 or through R40. Reading from or writing to either
register location has the same effect.
Table 15 SLOWCLK Control
12.4 FLL
The integrated FLL can be used to generate SYSCLK from a wide variety of different reference
sources and frequencies. The FLL can accept a wide range of reference frequencies, which may be
high frequency (eg. 12.288MHz) or low frequency (eg. 32.768kHz). The FLL is tolerant of jitter and
may be used to generate a stable SYSCLK from a less stable input signal.
The FLL can take as input the external MCLK, or ADCLRCLK / DACLRCLK (in Slave modes), or the
32kHz crystal oscillator (or external 32kHz source). The FLL input reference source is selected using
the FLL_CLK_SRC, as described in Table 17. Choosing the 32kHz source as an input selects either
the 32kHz GPIO input or the internal 32kHz oscillator, as illustrated in Figure 33. For best audio
performance, it is recommended that a high frequency input clock (above 1MHz) is used.
The analogue and digital portions of the FLL may be enabled independently via FLL_OSC_ENA and
FLL_ENA. When initialising the FLL, the analogue circuit must be enabled first by setting
FLL_OSC_ENA. The digital circuit may then be enabled on the next register write or later. When
changing FLL settings, it is recommended that the digital circuit be disabled via FLL_ENA and then
re-enabled after the other register settings have been updated. When changing the input reference
frequency FREF, it is recommended that the FLL be reset by setting FLL_ENA to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com