Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
31
9.3
LDO REGULATORS
LDO1 LOAD REGULATION
3
3.01
3.02
3.03
3.04
3.05
3.06
3.07
3.08
3.09
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
0.12
0.13 0.14
0.15
IOUT (A)
VIN = 3.7V
Figure 10 LDO1 Output Voltage Versus Output Current
Figure 11 LDO1 Load Transient Response
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
Load Current (mA)
0
10
20
30
40
50
60
70
80
100
1000
10000
100000
Frequency (Hz)
I
OUT = 0.005A
I
OUT = 0.1A
I
OUT = 0.025A
V
IN - VOUT = 1V
Figure 12 LDO1 Output Noise versus Output Current
Figure 13 Power Supply Ripple Rejection versus
Frequency 217Hz GSM to 100kHz
VOUT
IOUT
LDO1 VIN = 3 .7V, VOUT = 2.5V Load Step 0A to 0.05A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com