Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
92
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:9
AIF_FMT [1:0]
10
(I2S)
Data format
00 = Right Justified
01 = Left Justified
10 = I2S
11 = DSP / PCM mode
Note - see Section 13.11 for the
selection of 8-bit mode.
R114 (72h)
Audio
Interface
ADC
Control
7
AIFADC_PD
0
Enables a pull down on ADC data pin
0 = disabled
1 = enabled
6
AIFADCL_SRC
0
Selects Left channel ADC output.
0 = ADC Left channel
1 = ADC Right channel
5
AIFADCR_SRC
1
Selects Right channel ADC output.
0 = ADC Left channel
1 = ADC Right channel
4
AIFADC_TDM_
CHAN
0
ADCDAT TDM Channel Select
0 = ADCDAT outputs data on slot 0
1 = ADCDAT outputs data on slot 1
3
AIFADC_TDM
0
ADC TDM Enable
0 = Normal ADCDAT operation
1 = TDM enabled on ADCDAT
R115 (73h)
Audio
Interface
DAC
Control
7
AIFDAC_PD
0
Enables a pull down on DAC data pin
0 = disabled
1 = enabled
6
DACL_SRC
0
Selects Left channel DAC input.
0 = DAC Left channel
1 = DAC Right channel
5
DACR_SRC
1
Selects Right channel DAC input.
0 = DAC Left channel
1 = DAC Right channel
4
AIFDAC_TDM_
CHAN
0
DACDAT TDM Channel Select
0 = DACDAT outputs data on slot 0
1 = DACDAT outputs data on slot 1
3
AIFDAC_TDM
0
DAC TDM Enable
0 = Normal DACDAT operation
1 = TDM enabled on DACDAT
Table 46 Selecting the Audio Data Format
In Left Justified mode, the MSB is available on the first rising edge of BCLK following an LRCLK
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each LRCLK transition.
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
Figure 50 Left Justified Audio Interface (assuming n-bit word length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com