Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 124 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 124 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 128Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
124
SUPPLY
REGISTER SETTING
DESCRIPTION
DCDC1
DC1_ENSLOT [3:0] = 0001
DC1_VSEL [6:0] = 000_0110
Timeslot 1
1.0V
DCDC2
DC2_ENSLOT [3:0] = 0000
Disabled
DCDC3
DC3_ENSLOT [3:0] = 0011
DC3_VSEL [6:0] = 101_0000
Timeslot 3
2.85V
DCDC4
DC4_ENSLOT [3:0] = 0001
DC4_VSEL [6:0] = 000_1110
Timeslot 1
1.2V
DCDC5
DC5_ENSLOT [3:0] = 0000
Disabled
DCDC6
DC6_ENSLOT [3:0] = 0010
DC6_VSEL [6:0] = 010_1001
Timeslot 2
1.875V
LDO1
LDO1_ENSLOT [3:0] = 0100
LDO1_VSEL [4:0] = 1_1101
Timeslot 4
3.1V
LDO2
LDO2_ENSLOT [3:0] = 0100
LDO2_VSEL [4:0] = 1_0111
Timeslot 4
2.5V
LDO3
LDO3_ENSLOT [3:0] = 0100
LDO3_VSEL [4:0] = 0_0110
Timeslot 4
1.2V
LDO4
LDO4_ENSLOT [3:0] = 0100
LDO4_VSEL [4:0] = 1_0000
Timeslot 4
1.8V
Table 69 Default Supply Voltages / Power-up Sequence for Configuration Mode 11
Start
Up
DCDC3
DCDC2
DCDC1
DCDC4
DCDC5
DCDC6
LDO1
LDO2
LDO3
LDO4
Disabled at
start-up
Time
Slot1
Time
Slot2
Time
Slot3
Time
Slot4
Time
Slot5
Time
Slot6
Disabled at
start-up
The time delay between each time slot is approximately 1.28ms.
Figure 68 Power-up Sequence - Configuration Mode 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com