Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 141 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 141 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 145Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
141
14.8.2
DC-DC STEP DOWN CONVERTERS
DC-DC Converters 1, 3, 4 and 6 are versatile step-down, pulse-width-modulated (PWM) DC-DC
converters designed to deliver high power efficiency across full load conditions. The converters offer
Active and Standby/Hysteretic operating modes in order to maximise efficiency for different loads. A
low-power LDO sleep mode is also available to further reduce quiescent current at very lightly loaded
conditions. The DC-DC Converters maintain output voltage regulation during the switch-over between
operating modes.
The step-down regulators are designed with a fixed frequency current mode architecture. The current
feedback loop is through the PMOS current path and is amplified and summed with an internal slope
compensation network. The voltage feedback loop is through an internal feedback divider. The ON
time is determined by comparing the summed current feedback and the output of the switcher error
amplifier. The period is set by the internal RC oscillator, which provides a 2.0MHz clock.
A supply pin (PVDD) provides the core supply for DC-DC Converters 3 and 6. Another supply pin
(LINEDCDC) provides the core supply for DC-DC Converters 1 and 4. The input voltage connection
to DC-DC Converters 1, 3, 4 and 6 is provided on PV1, PV3, PV4 and PV6 respectively. These input
voltages may be provided from the LINE voltage.
The connections to DC-DC Converter 1 are illustrated in Figure 69. The equivalent circuit applies to
DC-DC Converters 3, 4 and 6 also.
Figure 69 Step-Down DC-DC Converter Connections
The external components at the converter output are required by the DC-DC Converter integral loop
compensation circuit. Note that the recommended output capacitor Cout varies according to the
required transient response on DC-DC1 and DC-DC6. A single recommended value is provided for
Cout on DC-DC3 and DC-DC4.
See Section 29.3 for details of the recommended external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com