Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 167 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 167 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 171Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
167
17.7.8
INTERRUPTS AND FAULT PROTECTION
The battery charger can raise a first-level interrupt, CHG_INT (see Section 24) to report status and
fault conditions to the host processor. The CHG_INT interrupt is the logical OR of all the second-level
interrupts described in Table 111.
Note: If a battery is connected to the BATT pin, but the WM8352 is being powered from the Wall or
USB
supplies,
then
disconnection
of
the
Wall
or
USB
supply
will
cause
the
CHG_VBATT_LT_3P1_EINT and CHG_VBATT_LT_2P85_EINT interrupts to be set.
The CHG_VBATT_LT_3P1_EINT and CHG_VBATT_LT_2P85_EINT interrupts can be masked by
setting the associated mask bits defined in Table 111.
Alternatively, the EXT_USB_FB_EINT and/or EXT_WALL_FB_EINT interrupts (see Section 17.5)
can be used to validate the Battery Undervoltage interrupts - if one of the External Feedback
interrupts is set at the same time as the Battery Undervoltage interrupts, then the Battery
Undervoltage interrupts should be ignored.
ADDRESS
BIT
LABEL
DESCRIPTION
R25 (19h)
Interrupt
Status 1
15
CHG_BATT_HOT_EINT
Battery temp too hot.
(Rising Edge triggered)
Note: This bit is cleared once read.
14
CHG_BATT_COLD_EINT
Battery temp too cold.
(Rising Edge triggered)
Note: This bit is cleared once read.
13
CHG_BATT_FAIL_EINT
Battery fail.
(Rising Edge triggered)
Note: This bit is cleared once read.
12
CHG_TO_EINT
Charger timeout.
(Rising Edge triggered)
Note: This bit is cleared once read.
11
CHG_END_EINT
Charging final stage.
(Rising Edge triggered)
Note: This bit is cleared once read.
10
CHG_START_EINT
Charging started.
(Rising Edge triggered)
Note: This bit is cleared once read.
9
CHG_FAST_RDY_EINT
Indicates that the charger is ready to go
into fast charge.
(Rising Edge triggered)
Note: This bit is cleared once read.
2
CHG_VBATT_LT_3P9_EINT
Battery Voltage < 3.9 interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
CHG_VBATT_LT_3P1_EINT
Battery voltage < 3.1 interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
0
CHG_VBATT_LT_2P85_EIN
T
Battery voltage < 2.85 interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
R33 (21h)
Interrupt
Status 1
mask
15:0
“IM_” + name of respective bit
in R25 (19h)
Mask bits for battery charger interrupts
Each of these bits masks the respective
bit in R25 when it is set to 1 (e.g.
CHG_FAST_RDY in R25 does not trigger
a CHG_INT interrupt when
IM_CHG_FAST_RDY in R33 is set).
Table 111 Battery Charger Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com