Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 200 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 200 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 204Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
200
24.3 SECOND-LEVEL INTERRUPTS
The following sections define the second-level interrupt status and control bits associated with each
of the first-level bits defined in Table 142.
24.3.1
OVERCURRENT INTERRUPT
The first-level OC_INT interrupt comprises one second-level interrupt for the limit switch. This status
bit is in Register R29 and its mask bit is in Register R37, as defined in Table 143.
ADDRESS
BIT
LABEL
DESCRIPTION
R29 (1Dh)
Over Current
Interrupt
Status
15
OC_LS_EINT
Limit Switch Over-current interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
R37 (25h)
Over Current
Interrupt Mask
15
IM_OC_LS_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
When IM_OC_LS_EINT is set to 1, then
OC_LS_EINT in R29 does not trigger an
OC_INT interrupt when set. The default
value is 0 (unmasked).
Table 143 Over-Current Interrupt
24.3.2
UNDERVOLTAGE INTERRUPTS
The first-level UV_INT interrupt comprises several second-level interrupts for the DC-DCs and LDOs.
Each of these has a status bit in Register R28 and a mask bit in Register R36, as defined in Table
144.
ADDRESS
BIT
LABEL
DESCRIPTION
R28 (1Ch)
Under Voltage
Interrupt
Status
11
UV_LDO4_EINT
LDO4 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
10
UV_LDO3_EINT
LDO3 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
9
UV_LDO2_EINT
LDO2 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
8
UV_LDO1_EINT
LDO1 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
5
UV_DC6_EINT
DCDC6 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
4
UV_DC5_EINT
DCDC5 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
3
UV_DC4_EINT
DCDC4 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
2
UV_DC3_EINT
DCDC3 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
UV_DC2_EINT
DCDC2 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com