Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 207 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 207 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 211Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
207
24.3.12 WAKE-UP INTERRUPTS
The first-level WKUP_INT interrupt comprises several second-level interrupts. After a system reset,
these indicate to the host processor why the reset occurred. Each wake-up interrupt has a status bit
in Register R31 and a mask bit in Register R30, as defined in Table 154.
ADDRESS
BIT
LABEL
DESCRIPTION
R31 (1Fh)
Comparator
Interrupt
Status
6
WKUP_OFF_STATE_EINT
Indicates that the chip started from the
OFF state.
(Rising Edge triggered)
Note: This bit is cleared once read.
5
WKUP_HIB_STATE_EINT
Indicated the chip started up from the
hibernate state.
(Rising Edge triggered)
Note: This bit is cleared once read.
4
WKUP_CONV_FAULT_EINT
Indicates the wakeup was caused by a
converter fault leading to the chip being
reset.
(Rising Edge triggered)
Note: This bit is cleared once read.
3
WKUP_WDOG_RST_EINT
Indicates the wakeup was caused by a
watchdog heartbeat being missed, and
hence the chip being reset.
(Rising Edge triggered)
Note: This bit is cleared once read.
2
WKUP_GP_PWR_ON_EINT
PWR_ON (Alternate GPIO function) pin
has been pressed for longer than
specified time.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
WKUP_ONKEY_EINT
ON key has been pressed for longer than
specified time.
(Rising Edge triggered)
Note: This bit is cleared once read.
0
WKUP_GP_WAKEUP_EINT
WAKEUP (Alternate GPIO function) pin
has been pressed for longer than
specified time.
(Rising Edge triggered)
Note: This bit is cleared once read.
R39 (27h)
Comparator
Interrupt
Status Mask
6:0
“IM_” + name of respective
bit in R31
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Each bit in R39 enables or masks the
corresponding bit in R31. The default
value for these bits is 0 (unmasked).
Table 154 Wake-up Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com