Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 263 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 263 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 259Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 260Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 261Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 262Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 263Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 264Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 265Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 266Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 267Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
263
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R115 (73h)
AI DAC
Control
14
BCLK_MSTR
0
Enables the Audio Interface BCLK generation
and enables the BCLK pin for Master mode
0 = BCLK Slave mode
1 = BCLK Master mode
7
AIFDAC_PD
0
Enables a pull down on DAC data pin
0 = disabled
1 = enabled
6
DACL_SRC
0
Selects Left channel DAC input.
0 = DAC Left channel
1 = DAC Right channel
5
DACR_SRC
1
Selects Right channel DAC input.
0 = DAC Left channel
1 = DAC Right channel
4
AIFDAC_TDM_CHAN
0
DACDAT TDM Channel Select
0 = DACDAT outputs data on slot 0
1 = DACDAT outputs data on slot 1
3
AIFDAC_TDM
0
DAC TDM Enable
0 = Normal DACDAT operation
1 = TDM enabled on DACDAT
1:0
DAC_BOOST[1:0]
00
Provides a limited set of gains to be applied to
the signal
00 = 0dB
01 = +6dB
10 = +12dB
11 = Reserved (+18dB)
Register 73h AI DAC Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R128 (80h)
GPIO
Debounce
12
GP12_DB
1
GPIO12 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
11
GP11_DB
1
GPIO11 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
10
GP10_DB
1
GPIO10 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
9
GP9_DB
1
GPIO9 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
8
GP8_DB
1
GPIO8 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
7
GP7_DB
1
GPIO7 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com