Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 277 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 277 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 273Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 274Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 275Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 276Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 277Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 278Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 279Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 280Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 281Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
277
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2
AUXADC_SEL3
0
AUXADC AUX3 input select
0 = Disable AUX3 measurement
1 = Enable AUX3 measurement
Reset by state machine.
1
AUXADC_SEL2
0
AUXADC AUX2 input select
0 = Disable AUX2 measurement
1 = Enable AUX2 measurement
Reset by state machine.
0
AUXADC_SEL1
0
AUXADC AUX1 input select
0 = Disable AUX1 measurement
1 = Enable AUX1 measurement
Reset by state machine.
Register 90h Digitiser Control (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R145 (91h)
Digitiser
Control (2)
13:12
AUXADC_MASKMODE[1:0]
00
AUXADC MASK input control
00 = MASK is ignored
01 = When MASK is asserted, all AUXADC
measurements are inhibited.
10 = Reserved
11 = MASK input initiates AUXADC
measurements. AUXADC_POLL and
AUXADC_CTC have no effect. MASK
polarity is controlled by GPn_CFG.
Reset by state machine.
10:8
AUXADC_CRATE[2:0]
000
AUXADC measurement frequency in
Continuous mode
000 = 1Hz
001 = 4Hz
010 = 8Hz
011 = 16Hz
100 = 32Hz
101 = 64Hz
110 = 128Hz
111 = 256Hz
Reset by state machine.
2
AUXADC_CAL
0
Configure AUX3 input to be the VREF
supply for AUXADC calibration.
0 = AUX3 input connected to AUX3 pin
1 = AUX3 input connected to unbuffered
VREF
Reset by state machine.
1
AUXADC_RBMODE
1
Enable for AUXADC bandgap (VREF) buffer.
0 = AUXADC REFBUF is only enabled
during conversions that use the VREF as a
reference
1 = AUXADC REFBUF is always enabled
when the AUXADC is enabled
Reset by state machine.
0
AUXADC_WAIT
0
Whether the old data must be read before
new conversions can be made
0 = No effect (new conversions overwrite
old)
1 = New conversions are held back (and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com