Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 283 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 283 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 279Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 280Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 281Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 282Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 283Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 284Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 287Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
283
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Protected by security key. Reset by state
machine.
6
CHG_END_ACT
0
Action to take when charging ends:
0 = Set charge current to 0
1 = Do nothing (leave charger on till
timeout)
Protected by security key. Reset by state
machine.
5
CHG_FAST
0
Enable fast charging.
0 = Fast charging cannot take place.
1 = Enable fast charging (will not start
until valid charging conditions are met).
Note: This register is held low and can
only be written to once the fast charge
ready signal has gone high.
Protected by security key. Reset by state
machine. Default held in metal mask.
4
CHG_FAST_USB_THROTTLE
0
Enable USB current throttling in fast
charge:
0 = Don't do any current throttling when
fast charging.
1 = Do current throttle while fast
charging.
Protected by security key. Reset by state
machine.
3
CHG_NTC_MON
1
Enable charger battery NTC detection
(some batteries may not need this - turn
off with caution)
0 = Charger ignores NO_NTC detection.
1 = Charger monitors NO_NTC
detection.
Default held in metal mask.
2
CHG_BATT_HOT_MON
1
Enable charger battery temperature high
detection (some batteries may not need
this - turn off with caution)
0 = Charger ignores battery temperature
too high.
1 = Charger monitors battery
temperature too high.
Default held in metal mask.
1
CHG_BATT_COLD_MON
1
Enable charger battery temperature low
detection (some batteries may not need
this - turn off with caution)
0 = Charger ignores battery temperature
low.
1 = Charger monitors battery
temperature low.
Default held in metal mask.
0
CHG_CHIP_TEMP_MON
1
Enable charger chip temperature
detection (some batteries may not need
this - turn off with caution)
0 = Charger ignores chip temperature
1 = Charger monitors chip temperature
Protected by security key. Default held in
metal mask.
Register A8h Battery Charger Control 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com