Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 305 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 305 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 301Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 302Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 303Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 304Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 305Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 306Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 307Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 308Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 309Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
305
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R199 (C7h)
Limit Switch
Control
15:14
LS_ERRACT[1:0]
00
Current limit detection behaviour
00 = ignore
01 = disable switch
10 = shut down system
11 = shut down system
Reset by state machine. Default held in metal mask.
13:10
LS_ENSLOT[3:0]
0000
Time slot for Limit Switch start-up
0000 = Disabled (do not start up)
0001 = Start-up in time slot 1
… (total 14 slots available)
1110 = Start-up in time slot 14
1111 = Start-up on entering ACTIVE
Reset by state machine. Default held in metal mask.
9:6
LS_SDSLOT[3:0]
0000
Time slot for Limit Switch shutdown.
0000 = Shut down on entering OFF
0001 = Shutdown in time slot 1
…. (total 14 slots available)
1110 = Shutdown in time slot 14
1111 = Shut down on entering OFF
4
LS_HIB_MODE
0
Limit switch hibernate mode setting
0 = disabled
1 = leave setting as in Active mode
1
LS_HIB_PROT
1
Controls the bulk detection circuit when Limit Switch
is disabled in Hibernate mode.
0 = bulk detection disabled
1 = bulk detection enabled
0
LS_PROT
1
Controls the bulk detection circuit when Limit Switch
is disabled in Active mode.
0 = bulk detection disabled
1 = bulk detection enabled
Register C7h Limit Switch Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R200 (C8h)
LDO1
Control
14
LDO1_SWI
0
LDO1 Regulator mode
0 = LDO voltage regulator
1 = Current-limited switch (no voltage regulation,
LDO1_VSEL has no effect)
Reset by state machine. Default held in metal mask.
10
LDO1_OPFLT
0
Enable discharge of LDO1 outputs when LDO1 is
disabled
0 = Enabled - Output to be discharged
1 = Disabled - Output is left floating
Note - if LDO Regulators 1, 2, 3 and 4 are all
disabled, then the outputs will all be discharged,
regardless of the LDOn_OPFLT bit.
4:0
LDO1_VSEL[4:0]
1_1100
0_0010
1_1100
1_1101
LDO1 Regulator output voltage (when LDO1_SWI=0)
1 1111 = 3.3V
… (100mV steps)
1 0000 = 1.8V
0 1111 = 1.65V
… (50mV steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com