Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 318 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 318 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 314Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 315Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 316Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 317Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 318Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 319Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 320Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 321Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 322Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
318
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R229 (E5h)
Supply
overrides/statu
s 2
15
OVCR_LS_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_OC_OVRDE bit is set to 1.
11
UNDV_LDO4_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
10
UNDV_LDO3_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
9
UNDV_LDO2_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
8
UNDV_LDO1_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
5
UNDV_DC6_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
4
UNDV_DC5_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
3
UNDV_DC4_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
2
UNDV_DC3_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
1
UNDV_DC2_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
0
UNDV_DC1_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
Register E5h Supply overrides/status 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com