Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 7Page - Cirrus Logic CS1631 Datasheet HTML 8Page - Cirrus Logic CS1631 Datasheet HTML 9Page - Cirrus Logic CS1631 Datasheet HTML 10Page - Cirrus Logic CS1631 Datasheet HTML 11Page - Cirrus Logic CS1631 Datasheet HTML 12Page - Cirrus Logic CS1631 Datasheet HTML 13Page - Cirrus Logic CS1631 Datasheet HTML 14Page - Cirrus Logic CS1631 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
CS1630/31
DS954F2
11
4. TYPICAL PERFORMANCE PLOTS
Figure 3. UVLO Characteristics
Figure 4. Supply Current vs. Voltage
Figure 5. Turn-on/off Threshold Voltage vs. Temperature
Figure 6. Zener Voltage vs. Temperature
Figure 7. Gate Drive Resistance vs. Temperature
Figure 8. Reference Current (Iref) Drift vs. Temperature
0
1
2
3
-50
0
50
100
150
Temperature (°C)
-2
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
VDD (V)
7
8
9
10
-50
0
50
100
150
Temperature (°C)
Turn On
Turn Off
18
18.5
19
19.5
20
-50
0
50
100
150
Temperature (C°)
0
10
20
30
40
-50
0
50
100
150
Temperature (ºC)
Source
Sink
-2
-1.5
-1
-0.5
0
0.5
-50
0
50
100
150
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com