Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 35Page - Cirrus Logic CS1631 Datasheet HTML 36Page - Cirrus Logic CS1631 Datasheet HTML 37Page - Cirrus Logic CS1631 Datasheet HTML 38Page - Cirrus Logic CS1631 Datasheet HTML 39Page - Cirrus Logic CS1631 Datasheet HTML 40Page - Cirrus Logic CS1631 Datasheet HTML 41Page - Cirrus Logic CS1631 Datasheet HTML 42Page - Cirrus Logic CS1631 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
CS1630/31
DS954F2
39
6.24 Peak Current (PEAK_CUR) Address 51
PEAK_CUR sets the boost stage peak current, which assists in configuring the boost output power. The register
value is an unsigned integer in the range of 0
value255 where the LSB = 4.1mA.The peak current can be
configured from 0mA to 1.0455A.
6.25 Configuration 38 (Config38) Address 70
6.26 Configuration 44 (Config44) Address 76
7
654
32
10
27
26
25
24
23
22
21
20
7
654
32
10
--
--
--
-
CRC
Number
Name
Description
[7:1]
-
Reserved
[0]
CRC
Configures the communication system to use the CRC value in the CRC_TAG
register (see "CRC Tag (CRC_TAG) – Address 102" on page 50). Enabling
this bit is required when programming the OTP registers of the CS1630/31.
0 = Disables the use of the CRC register
1 = Enables the use of the CRC register
7
654
32
10
--
--
--
RATE1
RATE0
Number
Name
Description
[7:2]
-
Reserved
[1:0]
RATE[1:0]
Configures the dimming rate for the external overtemperature protection
(eOTP) feature which decreases the second stage dim level once the mea-
sured 8-bit temperature value corresponding to the external NTC resistance
connected to pin eOTP exceeds the temperature value configured using bits
eOTP[4:0] (Config59[7:3] of Address 91). The rate at which the 12-bit dim
level is decreased is set to any one of the following:
00 = 4 dims per temperature code above CODETEMPeOTP
01 = 8 dims per temperature code above CODETEMPeOTP
10 = 16 dims per temperature code above CODETEMPeOTP
11 = 32 dims per temperature code above CODETEMPeOTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com