Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 22Page - Cirrus Logic CS1631 Datasheet HTML 23Page - Cirrus Logic CS1631 Datasheet HTML 24Page - Cirrus Logic CS1631 Datasheet HTML 25Page - Cirrus Logic CS1631 Datasheet HTML 26Page - Cirrus Logic CS1631 Datasheet HTML 27Page - Cirrus Logic CS1631 Datasheet HTML 28Page - Cirrus Logic CS1631 Datasheet HTML 29Page - Cirrus Logic CS1631 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
CS1630/31
26
DS954F2
5.12.1 Programming the OTP Memory
When the CS1630/31 is shipped, some of the OTP memory
will already be programmed. Do not clear any bits to ‘0’ that
are programmed to '1', and do not modify any registers or bits
that are reserved. Changing bits from '1' to '0' before
attempting programming is likely to result in an unrecoverable
CRC error, and changes to reserved bits may have
detrimental effects on behavior.
Step 1
Write Register and Bit Values
Write the desired values to the OTP shadow register address
locations. All reads and writes are performed with I2C
communication using device address 0x10.
Step 2
Enable Programming
Set the CRC bit to ‘1’ in register Config38 (see "Configuration
38 (Config38) – Address 70" on page 39). Setting CRC = ‘1’
activates the use of the CRC_TAG register at address 0x66
(see "CRC Tag (CRC_TAG) – Address 102" on page 50).
Step 3
Compute the CRC
Compute the CRC value of registers located at address 0x0 to
0x5F, including all factory-programmed registers and bits.
Write this calculated CRC value to the CRC_TAG register at
address 0x66.
Step 4
Initiate a Program Cycle
To enable OTP memory programming, the master needs to
write a Start condition followed by a slave address of 0x22 (7
MSB device address = ‘0010001’ and the LSB R/W = ‘0’ for a
write operation). Then a 0x79 (MSB BLK/SGL = ‘0’ and 7 LSB
register address = ‘1111001’) followed by one byte of data
0x73, ending the transmission with a Stop condition.
To initiate the program cycle, the master needs to write a Start
condition followed by a slave address of 0x22 (7 MSB device
address = ‘0010001’ and the LSB R/W = ‘0’ for a write
operation). Then a 0x72 (MSB BLK/SGL = ‘0’ and 7 LSB
register address = ‘1110010’) followed by one byte of data
0x90, ending the transmission with a Stop condition. The
program cycle takes approximately 35ms.
Step 5
Check OTP Program Status
To check if the program cycle completed successfully, the
master needs to write a Start condition followed by a slave
address of 0x23 (7 MSB device address = ‘0010001’ and the
LSB R/W = ‘1’ for a read operation). Then write a 0x59 (MSB
BLK/SGL = ‘0’ and 7 LSB register address = ‘1011001’). After
the acknowledge is received, the master needs to read the 8-
bit OTP Program Status register, ending the transmission with
a Stop condition.
If bit 4 of the Program Status register is set to ‘1’ then the OTP
write has finished. If bit 4 of the Program Status register is not
set to ‘1’, after the 35ms program cycle is complete, then a
CRC error likely occurred, or the program cycle was not
started properly.
Step 6
OTP Verification Check
Cycle the power to the CS1630/31. The OTP memory is
uploaded to the shadow registers. To check if the program
cycle was successful, the master needs to write a Start
condition followed by a slave address of 0x23 (7 MSB device
address = ‘0010001’ and the LSB R/W = ‘1’ for a read
operation). Then write a 0x7C (MSB BLK/SGL = ‘0’ and 7 LSB
register address = ‘1111100’). After the acknowledge is
received, the master needs to read the 8-bit OTP Verification
register, ending the transmission with a Stop condition bit (P).
If the value in the 8-bit OTP Verification register is 0x01, then
the program process failed to execute properly. If the 8-bit
value is 0x00 then use a read operation to verify that the
values in the shadow registers match what was written to the
shadow registers in Step 1. If the values do not match, then it
is likely the OTP program process was not performed due to
an error when calculating the CRC or the CRC bit in the
Config38 register was not set to ‘1’. Verify that all bits read
from the shadow register match the bits prior to starting the
program process and start at Step 1 to perform the OTP
program process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com