Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 4Page - Cirrus Logic CS1631 Datasheet HTML 5Page - Cirrus Logic CS1631 Datasheet HTML 6Page - Cirrus Logic CS1631 Datasheet HTML 7Page - Cirrus Logic CS1631 Datasheet HTML 8Page - Cirrus Logic CS1631 Datasheet HTML 9Page - Cirrus Logic CS1631 Datasheet HTML 10Page - Cirrus Logic CS1631 Datasheet HTML 11Page - Cirrus Logic CS1631 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
CS1630/31
8
DS954F2
3.2 I2C Port Switching Characteristics
Test conditions (unless otherwise specified):
• Inputs: Logic 0 = GND = 0V, Logic 1 = 3.3V.
• The CS1630/31 control port only supports I2C slave functionality.
• It is recommended that a 2.2k
 pull-up resistor be placed from the SDA pin to VDD.
Parameter
Symbol
Min
Typ
Max
Unit
SCL Clock Frequency
fscl
--
400
kHz
Bus Free Time Between Transmissions
tbuf
1.3
-
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
0.6
-
-
µs
Clock Low time
tlow
1.3
-
-
µs
Clock High Time
thigh
0.6
-
-
µs
Setup Time for Repeated Start Condition
tsust
0.6
-
-
µs
SDA Input Hold Time from SCL Falling
thddi
0-
0.9
µs
SDA Setup time to SCL Rising
tsud
100
-
-
ns
Setup Time for Stop Condition
tsusp
0.6
-
-
µs
SDA Input Voltage Low
Vil
-1.5
-
V
SDA Input Voltage High
Vih
-1.85-
V
SDA Output Voltage Low
Vol
-0.25-
V
Stop
SD A
SC L
tf
tsusp
Stop
tr
thdst
tsust
thddo
tsud
thigh
thddi
tlow
thdst
tbuf
Sta rt
Re pe ate d
Sta rt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com