Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 23Page - Cirrus Logic CS1631 Datasheet HTML 24Page - Cirrus Logic CS1631 Datasheet HTML 25Page - Cirrus Logic CS1631 Datasheet HTML 26Page - Cirrus Logic CS1631 Datasheet HTML 27Page - Cirrus Logic CS1631 Datasheet HTML 28Page - Cirrus Logic CS1631 Datasheet HTML 29Page - Cirrus Logic CS1631 Datasheet HTML 30Page - Cirrus Logic CS1631 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
CS1630/31
DS954F2
27
6. ONE-TIME PROGRAMMABLE (OTP) REGISTERS
6.1 Registers Map
Address
RA[7:0]
Name
Description1
0
0x00
Config0
Configuration 0
1
0x01
LOCK3
Lockout Key[31:24]
2
0x02
LOCK2
Lockout Key[23:16]
3
0x03
LOCK1
Lockout Key[15:8]
4
0x04
LOCK0
Lockout Key[7:0]
5
0x05
P30_MSB
Color Polynomial Coefficient P30[15:8]
6
0x06
P30_LSB
Color Polynomial Coefficient P30[7:0]
7
0x07
P20_MSB
Color Polynomial Coefficient P20[15:8]
8
0x08
P20_LSB
Color Polynomial Coefficient P20[7:0]
9
0x09
P10_MSB
Color Polynomial Coefficient P10[15:8]
10
0x0A
P10_LSB
Color Polynomial Coefficient P10[7:0]
11
0x0B
P03_MSB
Color Polynomial Coefficient P03[15:8
12
0x0C
P03_LSB
Color Polynomial Coefficient P03[7:0]
13
0x0D
P02_MSB
Color Polynomial Coefficient P02[15:8]
14
0x0E
P02_LSB
Color Polynomial Coefficient P02[7:0]
15
0x0F
P01_MSB
Color Polynomial Coefficient P01[15:8]
16
0x10
P01_LSB
Color Polynomial Coefficient P01[7:0]
17
0x11
P21_MSB
Color Polynomial Coefficient P21[15:8]
18
0x12
P21_LSB
Color Polynomial Coefficient P21[7:0]
19
0x13
P12_MSB
Color Polynomial Coefficient P12[15:8]
20
0x14
P12_LSB
Color Polynomial Coefficient P12[7:0]
21
0x15
P11_MSB
Color Polynomial Coefficient P11[15:8]
22
0x16
P11_LSB
Color Polynomial Coefficient P11[7:0]
23
0x17
P00_MSB
Color Polynomial Coefficient P00[15:8]
24
0x18
P00_LSB
Color Polynomial Coefficient P00[7:0]
25
0x19
Q3_MSB
Color Polynomial Coefficient Q3[15:8]
26
0x1A
Q3_LSB
Color Polynomial Coefficient Q3[7:0]
27
0x1B
Q2_MSB
Color Polynomial Coefficient Q2[15:8]
28
0x1C
Q2_LSB
Color Polynomial Coefficient Q2[7:0]
29
0x1D
Q1_MSB
Color Polynomial Coefficient Q1[15:8]
30
0x1E
Q1_LSB
Color Polynomial Coefficient Q1[7:0]
31
0x1F
Q0_MSB
Color Polynomial Coefficient Q0[15:8]
32
0x20
Q0_LSB
Color Polynomial Coefficient Q0[7:0]
33
0x21
GD_DUR
Gate Drive Duration
34
0x22
Config2
Configuration 2
35
0x23
Config3
Configuration 3
36
0x24
Config4
Configuration 4
37
0x25
S2DIM
Second Stage Dim
38
0x26
TTMAX
Maximum TT
39
0x27
Config7
Configuration 7
40
0x28
Config8
Configuration 8
41
0x29
CH1CUR
Channel 1 Output Current
42
0x2A
Config10
Configuration 10
43
0x2B
CH2CUR
Channel 2 Output Current
44
0x2C
Config12
Configuration 12
45
0x2D
PID
PU Coefficient
46
0x2E
TTFREQ
Maximum Switching Frequency
47
0x2F
Config15
Configuration 15
48
0x30
Config16
Configuration 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com