Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 32Page - Cirrus Logic CS1631 Datasheet HTML 33Page - Cirrus Logic CS1631 Datasheet HTML 34Page - Cirrus Logic CS1631 Datasheet HTML 35Page - Cirrus Logic CS1631 Datasheet HTML 36Page - Cirrus Logic CS1631 Datasheet HTML 37Page - Cirrus Logic CS1631 Datasheet HTML 38Page - Cirrus Logic CS1631 Datasheet HTML 39Page - Cirrus Logic CS1631 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
CS1630/31
36
DS954F2
6.17 Configuration 12 (Config12) – Address 44
6.18 PU Coefficient (PID) – Address 45
PID sets the maximum coefficient for the second stage PU integrator. The register value is an unsigned integer
in the range of 0
value255.
6.19 Maximum Switching Frequency (TTFREQ) – Address 46
TTFREQ sets the minimum switching period (maximum switching frequency) for the second stage TT (see
"Maximum TT (TTMAX) – Address 38" on page 33). The register value is an unsigned integer in the range of
0
value255. The minimum TTFREQ switching period is determined by:
The switching period for TT can be configured from 0ns to 51
s.
7
654
32
10
TIMEOUT1
TIMEOUT0
S2CONFIG
DITATT1
DITATT0
-
-
-
Number
Name
Description
[7:6]
TIMEOUT[1:0]
Sets the T2 time-out limit to ensure a minimum switching frequency for each
channel.
00 = 45ms
01 = 70.6ms
10 = 96.2ms
11 = 121.8ms
[5]
S2CONFIG
Configures second stage for flyback or buck/tapped buck.
0 = Enables second stage for buck/tapped buck topology
1 = Enables second stage for flyback topology
[4:3]
DITATT[1:0]
Configures the dither attenuation by right shifting the dither value on a selected
channel for dithering reduction. The nominal dither level (set using bits DIT-
LEVEL[1:0]) is attenuated by the amount configured by bits DITATT[1:0] on the
channel set using bit DITCHAN.
00 = No attenuation
01 = 50% attenuation
10 = 25% attenuation
11 = 12.5% attenuation
[2:0]
-
Reserved
7
654
32
10
27
26
25
24
23
22
21
20
7
654
32
10
27
26
25
24
23
22
21
20
TTFREQ[7:0] 4 50ns




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com