Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 48Page - Cirrus Logic CS1631 Datasheet HTML 49Page - Cirrus Logic CS1631 Datasheet HTML 50Page - Cirrus Logic CS1631 Datasheet HTML 51Page - Cirrus Logic CS1631 Datasheet HTML 52Page - Cirrus Logic CS1631 Datasheet HTML 53Page - Cirrus Logic CS1631 Datasheet HTML 54Page - Cirrus Logic CS1631 Datasheet HTML 55Page - Cirrus Logic CS1631 Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
CS1630/31
DS954F2
53
6.51 Channel 1 Color Calibration 3C (CH1_CAL3C) Address 125
6.52 Channel 2 Color Calibration 3C (CH2_CAL3C) Address 126
6.53 CRC Memory Tag 3C (CRC_MTAG3C) Address 127
CRC Memory Tag 3C register used by the color control system. To activate the use of this register, the SET_3C
bit must be programmed to ‘1’ (see "Channel 1 Color Calibration 3C (CH1_CAL3C) – Address 125" on page 53).
The CRC value is obtained by computing the CRC value for the registers at address 125 and 126.
7
654
32
10
SET_3C
-
CH1_CAL3C5 CH1_CAL3C4 CH1_CAL3C3 CH1_CAL3C2 CH1_CAL3C1 CH1_CAL3C0
Number
Name
Description
[7]
SET_3C
Configures the color control system to use the color calibration values in
memory tag 3C.
0 = Disables the use of memory tag 3C
1 = Enables the use of memory tag 3C (Takes priority over SET_3B=1)
[6]
-
Reserved
[5:0]
CH1_CAL3C[5:0]
Channel 1 color control system calibration value that scales the current of
channel 1 within ±15%. The value is a two’s complement integer in the range
of -32
CH1_CAL3C[5:0]31. The calibration current gain is given by:
7
654
32
10
-
-
CH2_CAL3C5 CH2_CAL3C4 CH2_CAL3C3 CH2_CAL3C2 CH2_CAL3C1 CH2_CAL3C0
Number
Name
Description
[7:6]
-
Reserved
[5:0]
CH2_CAL3C[5:0]
Channel 2 color control system calibration value that scales the current of
channel 2 within ±15%. The value is a two’s complement integer in the range
of -32
CH2_CAL3C[5:0]31. The calibration current gain is given by:
7
654
32
10
27
26
25
24
23
22
21
20
1
CH1_CAL3C[5:0] 0.00488

+
1
CH2_CAL3C[5:0] 0.00488

+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com