Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 10Page - Cirrus Logic CS1631 Datasheet HTML 11Page - Cirrus Logic CS1631 Datasheet HTML 12Page - Cirrus Logic CS1631 Datasheet HTML 13Page - Cirrus Logic CS1631 Datasheet HTML 14Page - Cirrus Logic CS1631 Datasheet HTML 15Page - Cirrus Logic CS1631 Datasheet HTML 16Page - Cirrus Logic CS1631 Datasheet HTML 17Page - Cirrus Logic CS1631 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
CS1630/31
14
DS954F2
Figure 11. Block Diagram of Color Control System
The reference currents are the required values at TA =25ºC
and dim = 100%. They are multiplied by the appropriate gains,
and these values are passed to the final power stage. The
CS1630/31 uses polynomial approximations in one and two
dimensions to generate the color gains. These polynomials
can be up to third-order.
GAINDTR approximations create a custom temperature
compensation profile and dimming profile of the temperature-
sensitive LEDs (see Equation 1). Profiles are programmed
through the Color Polynomial Coefficient registers (see "Color
Polynomial Coefficient (P30, P20, P10, P03, P02, P01, P21,
P12, P11, P00) – Address 5 - 24" on page 29).
GAINDR approximation allows custom dimming profile of the
white LEDs (see Equation 2). The profile is programmed
through the Color Polynomial Coefficient registers (see "Color
Polynomial Coefficient (Q3, Q2, Q1, Q0) – Address 25 - 32" on
page 30).
Cirrus Logic, Inc. and its affiliates and subsidiaries generally
make no representations or warranties that the combination of
Cirrus Logic’s products with light-emitting diodes (“LEDs”),
converter materials, and/or other components will not infringe
any third-party patents, including any patents related to color
mixing in LED lighting applications, such as, for example, U.S.
Patent No. 7,213,940 and related patents of Cree, Inc. For
more information, please see Cirrus Logic’s Terms and
Conditions of Sale, or contact a Cirrus Logic sales
representative.
5.5 Dimming Signal Extraction and the
Dim Mapping Algorithm
When operating with a dimmer, the dimming signal is
extracted in the time domain and is proportional to the
conduction angle of the dimmer. A control variable is passed
to the quasi-resonant second stage to achieve 0% to 100%
output currents.
5.6 Boost Stage
The high-voltage FET in the source-follower startup circuit is
source-switched by a variable current source on the SOURCE
pin to operate a boost circuit. Peak FET switching current is
set by the PEAK_CUR register (see "Peak Current
(PEAK_CUR) – Address 51" on page 39).
In No-dimmer Mode, the boost stage begins operating when
the start threshold is reached during each rectified half line-cy-
cle and is disabled at the nominal boost output voltage. The
peak FET switching current determines the percentage of the
rectified input voltage conduction angle over which the boost
stage will operate. The control algorithm adjusts the peak FET
switching current to maximize the operating time of the boost
stage, thus improving the input power factor.
When operating in Leading-edge Mode, the boost stage
ensures the hold current requirement of the dimmer is met
from the initiation of each half-line dimmer conduction cycle
until the peak of the rectified input voltage. Trailing-edge Mode
boost stage ensures that the trailing-edge is exposed at the
correct time with the correct current.
Gain
White
dim
IWhite
Iref
White
Iref
Color
X
X
ADC
NTC
IColor
Gain
Color
X
X
where,
T = the measured normalized temperature and is 0
T1.0
D = the normalized dim value and is 0
D1.0
GAINDTR = gain of the channel based on the temperature measurement and the dim value:
where,
D = the normalized dim value and is 0
D1.0
GAINDR = gain of the channel based on the dim value
GAINDTR P30 T
3
P20 T
2
P10
++
T
P03 D
3
P02
++
D
2
P01 D
P21 T
2
D
++
=
P12 T D
2
P11 T D
P00
++
+
[Eq.1]
GAINDR Q3
=
D
3
Q2 D
2
Q1 D
Q0
++
+
[Eq.2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com