Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 14Page - Cirrus Logic CS1631 Datasheet HTML 15Page - Cirrus Logic CS1631 Datasheet HTML 16Page - Cirrus Logic CS1631 Datasheet HTML 17Page - Cirrus Logic CS1631 Datasheet HTML 18Page - Cirrus Logic CS1631 Datasheet HTML 19Page - Cirrus Logic CS1631 Datasheet HTML 20Page - Cirrus Logic CS1631 Datasheet HTML 21Page - Cirrus Logic CS1631 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
CS1630/31
18
DS954F2
Figure 20 illustrates the tapped buck stage configured for
series output mode.
Figure 20. Tapped Buck Series Output Model
To maintain constant output current with minimum line-
frequency ripple, the following are required:
• For parallel configurations, a minimum voltage potential
difference between two strings
• For series configurations, a minimum current amplitude
difference between two strings
5.8.2 Primary-side Current Control for
Two-Channel Output
The CS1630/31 regulates two-channel output current
independently using primary-side control, which eliminates
the need for opto-coupler feedback. The control loop operates
in peak current control mode, with the peak current set cycle-
by-cycle by the two independent current regulation loops.
Demagnetization time of the second stage inductor is sensed
by the FBAUX pin using an auxiliary winding on the second
stage inductor. The FBAUX pin supplies an input to the digital
control loop.
The power conversion for two-channel output is carried out by
interleaving the PWM. The two-channel control system
consists of two components:
• A toggle device (phase synchronizer circuit) on the
secondary side that alternatively activates each output
channel for each switching event
• A digital sequencer on the primary side determines which
output channel is active for any given switching event
As the output is toggled between each channel, a sequencer
on the primary side identifies the current control phase and
regulates the current in each output channel. To ensure
proper operation for a parallel configuration, the two output
channels should target a voltage differential that is greater
than 20%. For a series configuration, the two output channels
should target a current differential that is greater than 20%.
5.8.3 Auxiliary Winding Configuration
The second-stage inductor auxiliary winding is used for zero-
current detection (ZCD) and overvoltage protection (OVP). The
auxiliary winding is sensed through the FBAUX pin of the IC.
5.8.4 Control Parameters
The second-stage control parameters are set to assure:
• Line Regulation — The LED current remains constant
despite a ±10% AC line voltage variation.
• Effect of Variation in Transformer Magnetizing
Inductance — The LED current remains constant over
a ±20% variation in magnetizing inductance.
The FBSENSE input is used to sense the current in the
second stage inductor. When this current reaches a certain
threshold, the gate drive turns ‘OFF’ (output on pin GD).
Two OTP values are required to set the second-stage output
currents, CH1CUR for channel 1 and CH2CUR for channel 2
(see "Channel 1 Output Current (CH1CUR) – Address 41" on
page 35 and "Channel 2 Output Current (CH2CUR) – Address
43" on page 35). Equations 6 and 7 are used to calculate the
values to be programmed into registers CH1CUR and
CH2CUR.
where,
RSense = Resistance of current sense resistor
VSense = Full scale voltage across sense resistor (~1.4V)
ICH1 = Target current in channel 1 LED string
ICH2 = Target current in channel 2 LED string
RSense is determined by the input voltage, switching
frequency, auxiliary transformer turns ratio, target output
current and output voltage for each channel.
The zero-current detect input on pin FBAUX is used to
determine the demagnetization cycle T2. The controller then
uses these inputs to control the gate drive output, GD.
5.8.5 Frequency Dithering
The peak amplitude of switching harmonics can be reduced by
spreading the energy into wider spectrums. The frequency
dithering level can be managed using bits DITLEVEL[1:0] in
register Config61 (see "Configuration 61 (Config61) – Address
93" on page 49). Additionally, the CS1630/31 has an option to
enable dithering only in No-dimmer Mode by setting bit
DITNODIM to ‘1’. If output currents differ, the CS1630/31 also
has an option to allow for less dither on one of the two
channels by selecting the channel using bit DITCHAN. The
channel selected for less dither attenuates the dither level by
the percentage configured by bits DITATT[1:0].
R13
R11
R14
Q4
L3
CS1630 /31
FBAUX
GND
13
GD
FBSENSE
15
12
11
VBST
R12
D9
C9
R15
D10
R16
C10
Z3
D
GND
_
Q
VCC
Q5
IGND
C12
LED1+
LED 1-
C11
LED 2+
LED 2-
D11
D8
CH1CUR
5112RSense ICH1

NVSense
----------------------------------------------------------
=
[Eq.6]
CH2CUR
5112RSense ICH2

NVSense
----------------------------------------------------------
=
[Eq.7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com