Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 26Page - Cirrus Logic CS1631 Datasheet HTML 27Page - Cirrus Logic CS1631 Datasheet HTML 28Page - Cirrus Logic CS1631 Datasheet HTML 29Page - Cirrus Logic CS1631 Datasheet HTML 30Page - Cirrus Logic CS1631 Datasheet HTML 31Page - Cirrus Logic CS1631 Datasheet HTML 32Page - Cirrus Logic CS1631 Datasheet HTML 33Page - Cirrus Logic CS1631 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
CS1630/31
30
DS954F2
6.5 Color Polynomial Coefficient (Q3, Q2, Q1, Q0) – Address 25 - 32
Coefficients of the color polynomial used to calculate the gain (GAINDR) that controls the current in the white
LED channel based on the current dim level. The value is a two's complement number in the range of
-8.0
value<8.0, with the binary point to the right of bit 12. Coefficients Q3, Q2, Q1, and Q0 are distributed in
the gain polynomial:
where,
D = the normalized dim value and is 0<D<1.0
GAINDR = gain of the channel based on the dim value. The polynomial coefficients should be selected such
that the computed GAINDR is always a positive number such that 0<GAINDR<4.
Color Polynomial Coefficients, Qxx, are 16-bits in length where Qxx - MSB is the most significant byte and
Qxx-LSB is the least significant byte.
6.6 Gate Drive Duration (GD_DUR) – Address 33
GD_DUR sets the maximum gate drive duration for the second stage (flyback, buck, or tapped buck). The reg-
ister value is an unsigned integer in the range of 0
value255. The maximum gate drive duration is determined
by:
The maximum gate drive duration can be configured from 350ns to 102.35
s.
MSB
14
13
12
11
10
987654321
LSB
-(23)22
21
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
2-10
2-11
2-12
7
654
32
10
27
26
25
24
23
22
21
20
GAINDR
Q
 3
=
D
3
Q2 D
2
Q1 D
Q0
++
+
GD_DUR 8
 7
+
 50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com