Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 27Page - Cirrus Logic CS1631 Datasheet HTML 28Page - Cirrus Logic CS1631 Datasheet HTML 29Page - Cirrus Logic CS1631 Datasheet HTML 30Page - Cirrus Logic CS1631 Datasheet HTML 31Page - Cirrus Logic CS1631 Datasheet HTML 32Page - Cirrus Logic CS1631 Datasheet HTML 33Page - Cirrus Logic CS1631 Datasheet HTML 34Page - Cirrus Logic CS1631 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
CS1630/31
DS954F2
31
6.7 Configuration 2 (Config2) – Address 34
7
654
32
10
CLAMP1
CLAMP0
T2COMP
-
-
-
VALLEYSW
-
Number
Name
Description
[7:6]
CLAMP[1:0]
Configures the offset adjustment for the minimum measurable peak current
level on the second stage sense resistor when the gate drive is turned on.
CLAMP[1:0] is an unsigned integer in the range of 0
value3. The voltage on
the FBSENSE pin that corresponds to the minimum peak current is calculated
using the following formula:
[5]
T2COMP
Configures T2 measurement compensation for second stage flyback designs
with a large delay between the fall of the primary current and the rise of the
secondary current during the switching cycle. When using this feature, the
measured T2 time (measured from the falling edge of the gate drive) is
adjusted to obtain the actual T2 time, allowing the control loop to tightly regu-
late the output currents and reduce errors.
0 = Disable T2 measurement compensation
1 = Enable T2 measurement compensation
[4:2]
-
Reserved
[1]
VALLEYSW
Configures quasi-resonant switching (valley switching) on the second stage.
0 = Disables valley switching on the second stage
1 = Enables valley switching on the second stage
[0]
-
Reserved
1.4
IPEAK[2:0] 1
+
 16
 15
+

CLAMP[1:0] 8

–
8
+
512
---------------------------------------------------------------------------------------------------------------------------------------------------





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com